Part Number Hot Search : 
BLF571 55320301 0N60P SM8S26 MCR10 PA006 SQ141Y4 IRF7811
Product Description
Full Text Search
 

To Download SD101AWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD101AWS THUR SD101CWS
SEMICONDUCTOR
SMALL SIGNAL SCHOTTKY DIODES SOD-323
SMALL SIGNAL CHOTTKY DIODES
WWW.JIFUSEMICON.COM
FEATURES
For general purpose applications The SD10AW to SD101CW series is a Metal-on-silicon Schottky barrier device which is protected by a PN junction guard ring. The low forward voltage drop and fast switching make it ideal for protection of MOS devices, steering, biasing, and coupling diodes for fast switching and low logic level applications These diodes are also available in the Mini-MELF case with type designation LL101A to LL101C ,in the DO-35 case with type designation SD101A to SD101C and in the SOD-123 case with type designation SD101AW to SW101CW
JF
(1.7+0.1 (
MECHANICAL DATA
Case: SOD-323 plastic case Weight: Approx. 0.0040 gram Dimensions in inches and (millimeters)
ABSOLUTE RATINGS(LIMITING VALUES)
Symbols Peak Reverse Voltage SD101AWS
SD101BWS
Value 60 50 40 400 1) 2.0 125 -55 to+150
Units
SD101CWS Power Dissipation (infinite Heat Sink) Maximum Single cycle surge 10ms square wave Junction temperature Storage Temperature Range 1) Valid provided that electrodes are kept at ambient temperature
VRRM VRRM VRRM Ptot IFSM TJ TSTG
V V mW A
C C
ELECTRICAL CHARACTERISTICS
(Ratings at 25 C ambient temperature unless otherwise specified) Symbols Reverse breakdown voltage at IR=10mA Leakage current at VR=50V VR=40V VR=30V Forward voltage drop at IF=1mA IF=15mA Junction Capacitance at VR=0V ,f=1MHz SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS
SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS SD101AWS SD101BWS SD101CWS
Min. 60 50 40
Typ.
Max.
Unis V V V
VR VR VR IR IR IR
VF VF VF VF VF VF
CJ CJ CJ
Reverse Recovery time at IF=IR=5mA,recover to 0.1 IR Thermal resistance,junction to Ambient 1) Valid provided that electrodes are kept at ambient temperature
trr
RqJA
200 200 200 0.41 0.4 0.39 1 0.95 0.9 2.0 2.1 2.2 1 650 1)
nA nA nA V V V V V V pF pF pF ns C /W
2-111
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096


▲Up To Search▲   

 
Price & Availability of SD101AWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X